Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX401 Datasheet(PDF) 22 Page - Advanced Semiconductor Business Inc.

Part # ASX401
Description  250-3000 MHz MMIC Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX401 Datasheet(HTML) 22 Page - Advanced Semiconductor Business Inc.

Back Button ASX401 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 22Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 23Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 24Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 25Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 26Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
22/33
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASX401
250-3000 MHz MMIC Amplifier
* Test Source : WCDMA 4FA(3GPP 3.4 12-00), Test Model1 w/64 DPCH, PAR=13dB @ 0.01 % probability on CCDF / 1950MHz / 5MHz offset
* Test Source : WCDMA 2FA(3GPP 3.4 12-00), Test Model1 w/64 DPCH, PAR=13dB @ 0.01 % probability on CCDF / 1950MHz / 5MHz offset
* Test Source : WCDMA 1FA(3GPP 3.4 12-00), Test Model1 w/64 DPCH,
* Test Source : IS-95, 9ch. Forward 30kHz Meas BW, 1950MHz /
PAR=13dB @ 0.01 % probability on CCDF / 1950MHz / 5MHz offset
750kHz offset
WCDMA ACLR – 4FA
WCDMA ACLR – 1FA
CDMA ACPR – 1FA
11
12
13
14
15
16
17
18
19
20
21
22
23
24
-75
-70
-65
-60
-55
-50
-45
-40
Output Channel Power (dBm)
11
12
13
14
15
16
17
18
19
-65
-60
-55
-50
-45
-40
Output Channel Power (dBm)
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
-75
-70
-65
-60
-55
-50
-45
-40
Output Channel Power (dBm)
WCDMA ACLR – 2FA
11
12
13
14
15
16
17
18
19
20
21
22
23
24
-65
-60
-55
-50
-45
-40
-35
-30
Output Channel Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com