Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX401 Datasheet(PDF) 32 Page - Advanced Semiconductor Business Inc.

Part # ASX401
Description  250-3000 MHz MMIC Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX401 Datasheet(HTML) 32 Page - Advanced Semiconductor Business Inc.

Back Button ASX401 Datasheet HTML 25Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 26Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 27Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 28Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 29Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 30Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 31Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 32Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 33Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
32/33
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASX401
250-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +12 dBm/tone sepa-
rated by 1 MHz.
C2=56 pF
Vs=5 V
C5=100pF
C6=1 mF
ASX401
D1=5.6V
Zener Diode
C3=3.9 pF
C4=2.2 pF
L1=39 nH
(Coil Inductor)
RF OUT
RF IN
*Coupler
R1=51 W
R2=51 W
Vs=5 V
C11=100pF
ASX401
D2=5.6V
Zener Diode
L2=39 nH
(Coil
Inductor)
C12=1 mF
C1=56 pF
*Coupler
2 mm
C9=3.9 pF
2 mm
C7=56 pF
C8=56 pF
C10=2.2 pF
3.5 mm
3.5 mm
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency(MHz)
1500
1600
1700
1800
1900
2000
0
5
10
15
20
Frequency(MHz)
1500
1600
1700
1800
1900
2000
-40
-30
-20
-10
0
Frequency (MHz)
1500
1600
1700
1800
1900
2000
-40
-30
-20
-10
0
Frequency(MHz)
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
1710 ~ 1785
Magnitude S21 (dB)
14
Magnitude S11 (dB)
-20
Magnitude S22 (dB)
-20
Output P1dB (dBm)
32
Output IP3
1) (dBm)
45.5
Noise Figure (dB)
5.2
Device Voltage (V)
5
Current (mA)
560
1710 ~ 1785 MHz
+5 V
*Coupler: RN2, RCP1850A03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com