Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX401 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX401
Description  250-3000 MHz MMIC Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX401 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX401 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX401 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/33
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASX401
250-3000 MHz MMIC Amplifier
Parameters
Units
Typical
Typical
Frequency
MHz
900
2000
2600
900
2000
900
2000
Gain
dB
19.5
13
10
19.5
13
19
13
S11
dB
-15
-15
-14
-15
-15
-14
-15
S22
dB
-18
-16
-18
-18
-16
-16
-15
Output IP3
1)
dBm
47
46
46
44
44
41
42
Noise Figure
dB
4.5
4.2
4.4
4.5
4.2
4.5
4.2
Output P1dB
dBm
29.5
29.5
30
29.5
28.5
28.5
28.5
Current
mA
290
260
190
Device Voltage
V
5
4.8
4.4
* Performance tested at 50 W system and a room temperature.
1) OIP3 measured with two tones at an output power of +10 dBm/tone(+6 dBm/tones for 4.4V operating) separated
by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
19
19.5
S11
dB
-15
S22
dB
-18
Output IP3
dBm
45
47
Noise Figure
dB
4.5
4.8
Output P1dB
dBm
29
29.5
Current
mA
260
290
320
Device Voltage
V
5
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
25 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
·19.5 dB Gain at 900 MHz
·29.5 dBm P1dB at 900 MHz
·47 dBm Output IP3 at 900 MHz
·MTTF > 100 Years
·Single Supply
The ASX401, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 3 GHz. The amplifier is available in an
SOT-89 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
·IF ( 128 ~ 152 MHz )
·225 ~ 236 MHz
·440 ~ 460 MHz
·LTE ( 698 ~ 787 MHz )
·776 ~ 901 MHz
·TRS
·CDMA
·GSM
·1200 ~ 1400 MHz
·1600 MHz
·PCS
·WCDMA
·WLAN
·WiMAX
·LTE ( 2300~ 2700MHz)
·1680 MHz
·1710 ~1785 MHz (Balanced)
·2050 ~ 2350 MHz (Balanced)
Typical Performance*
Product Specifications*
ASX401
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASX401

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX401 ASB-ASX401 Datasheet
2Mb / 35P
100 ~ 3000 MHz MMIC Amplifier
February 2017
ASX401 ASB-ASX401_17 Datasheet
2Mb / 35P
100 ~ 3000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX401

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASX520 ASB-ASX520 Datasheet
591Kb / 9P
250-3000 MHz MMIC Amplifier
February 2010
ASX521 ASB-ASX521 Datasheet
907Kb / 12P
250-3000 MHz MMIC Amplifier
February 2010
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
250-3000 MHz MMIC Amplifier
September 2012
ASX621 ASB-ASX621 Datasheet
742Kb / 10P
250-3000 MHz MMIC Amplifier
February 2010
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
5-3000 MHz MMIC Amplifier
November 2012
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
150 ~ 3000 MHz MMIC Amplifier
February 2017
ASX621 ASB-ASX621_17 Datasheet
1Mb / 12P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com