Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907AHR Datasheet(PDF) 13 Page - STMicroelectronics

Part # 2N2907AHR
Description  Hi-Rel 60 V - 0.6 A PNP transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics 2N2907AHR Datasheet HTML 10Page - STMicroelectronics 2N2907AHR Datasheet HTML 11Page - STMicroelectronics 2N2907AHR Datasheet HTML 12Page - STMicroelectronics 2N2907AHR Datasheet HTML 13Page - STMicroelectronics 2N2907AHR Datasheet HTML 14Page - STMicroelectronics 2N2907AHR Datasheet HTML 15Page - STMicroelectronics 2N2907AHR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
4
Order codes
Contact ST sales office for information about the specific conditions for:
–
Products in die form
–
Other JANS quality levels
–
Tape and reel packing
Table 10.
Order codes
Part number
Agency specification
EPPL
Quality level
Radiation
level
Package
Lead Finish
Marking(1)
Packing
J2N2907AUB1
-
-
Engineering model
JANS
-
LCC-3UB
Gold
J2N2907A
Waffle pack
2N2907AUB1
-
Engineering model
ESCC
LCC-3UB
Gold
U03
Waffle pack
SOC2907A
-
Engineering model
ESCC
LCC-3
Gold
P03
Waffle pack
JANS2N2907AUBG
MIL-PRF-19500/291
-
JANS flight
LCC-3UB
Gold
JS2907
Waffle pack
JANS2N2907AUBT
MIL-PRF-19500/291
-
LCC-3UB
Solder Dip
JS2907
Waffle pack
2N2907AUB06
5202/001/06
Yes
ESCC flight
LCC-3UB
Gold
520200106
Waffle pack
2N2907AUB07
5202/001/07
Yes
LCC-3UB
Solder Dip
520200107
Waffle pack
SOC2907AHRB
5202/001/04 or 05 (2)
Yes
LCC-3
Gold or
Solder Dip (2)
520200104
or 05 (2)
Waffle pack
2N2907AHR
5202/001/01 or 02 (2)
-TO-18
Gold or
Solder Dip (2)
520200101
or 02 (2)
Strip pack
1.
Specific marking only. The full marking includes in addition:
For the engineering models : ST logo, date code, country of origin (FR).
For ESCC flight parts : ST logo, date code, country of origin (FR), ESA logo, serial number of the part within the assembly lot.
For JANS flight parts : ST logo, date code, country of origin (FR), manufacturer code (CSTM), serial number of the part within the assembly lot.
2.
Depending ESCC part number mentioned on the purchase order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com