Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907AHR Datasheet(PDF) 14 Page - STMicroelectronics

Part # 2N2907AHR
Description  Hi-Rel 60 V - 0.6 A PNP transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics 2N2907AHR Datasheet HTML 10Page - STMicroelectronics 2N2907AHR Datasheet HTML 11Page - STMicroelectronics 2N2907AHR Datasheet HTML 12Page - STMicroelectronics 2N2907AHR Datasheet HTML 13Page - STMicroelectronics 2N2907AHR Datasheet HTML 14Page - STMicroelectronics 2N2907AHR Datasheet HTML 15Page - STMicroelectronics 2N2907AHR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Shipping details
2N2907AHR
14/16
Doc ID 15382 Rev 3
5
Shipping details
5.1
Data code
Data code is structured as described below:
–
EM (ESCC and JANS) xyywwz
–
ESCC Flight yywwz
–
JANS Flight xyywwz
where:
5.2
Documentation
xyy
ww
z
3: EM
W: flight part/ diffused
in
Singapore
Last two digits year
Week digits
Lot index in the week
Table 11.
Documentation provided for each type of product
Quality level
Radiation level
Documentation
Engineering model
-
-
JANS Flight
-
Certificate of conformance
ESCC Flight
-
Certificate of conformance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com