Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6391 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6391
Description  High-voltage high and low side driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6391 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6391 Datasheet HTML 10Page - STMicroelectronics L6391 Datasheet HTML 11Page - STMicroelectronics L6391 Datasheet HTML 12Page - STMicroelectronics L6391 Datasheet HTML 13Page - STMicroelectronics L6391 Datasheet HTML 14Page - STMicroelectronics L6391 Datasheet HTML 15Page - STMicroelectronics L6391 Datasheet HTML 16Page - STMicroelectronics L6391 Datasheet HTML 17Page - STMicroelectronics L6391 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Smart shut down function
L6391
14/21
Doc ID 17892 Rev 1
In common over-current protection architectures the comparator output is usually connected
to the SD input and an RC network is connected to this SD/OD line in order to provide a
mono-stable circuit, which implements a protection time that follows the fault condition.
Differently from the common fault detection systems, L6391 Smart shut down architecture
allows to immediately turn-off the outputs gate driver in case of fault, by minimizing the
propagation delay between the fault detection event and the actual outputs switch-off. In fact
the time delay between the fault and the outputs turn off is no more dependent on the RC
value of the external network connected to the pin. In the smart shut down circuitry, the fault
signal has a preferential path which directly switches off the outputs after the comparator
triggering. At the same time the internal logic turns on the open drain output and holds it on
until the SD voltage goes below the SD logic input lower threshold. The Smart shut down
system provides the possibility to increase the time constant of the external RC network
(that is the disable time after the fault event) up to very large values without increasing the
delay time of the protection. Any external signal provided to the SD pin is not latched and
can be used as control signal in order to perform, for instance, PWM chopping through this
pin. In fact when a PWM signal is applied to the SD input and the logic inputs of the gate
driver are stable, the outputs switch from the low level to the state defined by the logic inputs
and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com