Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6391 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6391
Description  High-voltage high and low side driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6391 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6391 Datasheet HTML 12Page - STMicroelectronics L6391 Datasheet HTML 13Page - STMicroelectronics L6391 Datasheet HTML 14Page - STMicroelectronics L6391 Datasheet HTML 15Page - STMicroelectronics L6391 Datasheet HTML 16Page - STMicroelectronics L6391 Datasheet HTML 17Page - STMicroelectronics L6391 Datasheet HTML 18Page - STMicroelectronics L6391 Datasheet HTML 19Page - STMicroelectronics L6391 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Bootstrap driver
L6391
16/21
Doc ID 17892 Rev 1
9
Bootstrap driver
A bootstrap circuitry is needed to supply the high voltage section. This function is normally
accomplished by a high voltage fast recovery diode (Figure 8). In the L6391 a patented
integrated structure replaces the external diode. It is realized by a high voltage DMOS,
driven synchronously with the low side driver (LVG), with diode in series, as shown in
Figure 9. An internal charge pump (Figure 9) provides the DMOS driving voltage.
9.1
CBOOT selection and charging
To choose the proper CBOOT value the external MOS can be seen as an equivalent
capacitor. This capacitor CEXT is related to the MOS total gate charge:
Equation 1
The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage loss.
It has to be:
Equation 2
CBOOT >>> CEXT
e.g.: if Qgate is 30 nC and Vgate is 10 V, CEXT is 3 nF. With CBOOT = 100 nF the drop would be
300 mV.
If HVG has to be supplied for a long time, the CBOOT selection has to take into account also
the leakage and quiescent losses.
e.g.: HVG steady state consumption is lower than 200
μA, so if HVG T
ON is 5 ms, CBOOT has
to supply 1
μC to C
EXT. This charge on a 1 μF capacitor means a voltage drop of 1V.
The internal bootstrap driver gives a great advantage: the external fast recovery diode can
be avoided (it usually has great leakage current).
This structure can work only if VOUT is close to GND (or lower) and in the meanwhile the
LVG is on. The charging time (Tcharge) of the CBOOT is the time in which both conditions are
fulfilled and it has to be long enough to charge the capacitor.
The bootstrap driver introduces a voltage drop due to the DMOS RDSon (typical value:
120
Ω). At low frequency this drop can be neglected. Anyway increasing the frequency it
must be taken in to account.
C
EXT
Q
gate
V
gate
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com