Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6391 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6391
Description  High-voltage high and low side driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6391 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6391 Datasheet HTML 13Page - STMicroelectronics L6391 Datasheet HTML 14Page - STMicroelectronics L6391 Datasheet HTML 15Page - STMicroelectronics L6391 Datasheet HTML 16Page - STMicroelectronics L6391 Datasheet HTML 17Page - STMicroelectronics L6391 Datasheet HTML 18Page - STMicroelectronics L6391 Datasheet HTML 19Page - STMicroelectronics L6391 Datasheet HTML 20Page - STMicroelectronics L6391 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
L6391
Bootstrap driver
Doc ID 17892 Rev 1
17/21
The following equation is useful to compute the drop on the bootstrap DMOS:
Equation 3
where Qgate is the gate charge of the external power MOS, Rdson is the on resistance of the
bootstrap DMOS and Tcharge is the charging time of the bootstrap capacitor.
For example: using a power MOS with a total gate charge of 30nC the drop on the bootstrap
DMOS is about 1 V, if the Tcharge is 5 μs. In fact:
Equation 4
Vdrop has to be taken into account when the voltage drop on CBOOT is calculated: if this drop
is too high, or the circuit topology doesn’t allow a sufficient charging time, an external diode
can be used.
Figure 8.
Bootstrap driver with high voltage fast recovery diode
Figure 9.
Bootstrap driver with internal charge pump
V
drop
I
ch
e
arg Rdson
V
drop
→
Q
gate
T
ch
e
arg
------------------R
dson
==
V
drop
30nC
5
μs
--------------- 120
Ω 0.7V
∼
⋅
=
TO LOAD
H.V.
HVG
LVG
CBOOT
DBOOT
BOOT
V
CC
OUT
b
HVG
LVG
TO LOAD
H.V.
CBOOT
V
CC
OUT
BOOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com