Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903W Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM2903W
Description  Low-power dual voltage comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM2903W Datasheet HTML 3Page - STMicroelectronics LM2903W Datasheet HTML 4Page - STMicroelectronics LM2903W Datasheet HTML 5Page - STMicroelectronics LM2903W Datasheet HTML 6Page - STMicroelectronics LM2903W Datasheet HTML 7Page - STMicroelectronics LM2903W Datasheet HTML 8Page - STMicroelectronics LM2903W Datasheet HTML 9Page - STMicroelectronics LM2903W Datasheet HTML 10Page - STMicroelectronics LM2903W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LM2903W
Typical application schematics
Doc ID 022662 Rev 1
7/13
Figure 13.
Low frequency op- amp with offset
adjust
Figure 14.
Zero crossing detector (single
power supply)
e
l
~
2N 2222
5 V
e
o
R1
100 k
Ω
1 k
Ω
5 V
1 M
Ω
100 k
Ω
1 M
Ω
Offset adjust
R
S
R
1
15 k
Ω
0.5
μF
R
2
1/ 2
LM2903
100 k
Ω
10 k
Ω
e
l
20 M
Ω
5 V
1N4148
5.1 k
Ω
5.1 k
Ω
100 k
Ω
1/ 2
LM2903
5.1 k
Ω
Figure 15.
Limit comparator
Figure 16.
Split-supply applications - zero
crossing detector
10 k
Ω
e
I
~
R
S
2R
S
V
(ref)
high
V
(ref)
low
2N 2222
V
CC
Lamp
1/ 2
LM2903
1/2
LM2903
2R
S
(12 V)
15 V
5.1 k
Ω
e
o
e
I
~
15 V
1/2
LM2903
Figure 17.
Crystal controlled oscillator
Figure 18.
Comparator with a negative
reference
2 k
Ω
200 k
Ω
e
o
V
CC
0
100 k
Ω
200 k
Ω
1/2
LM2903
0.1
μF
f = 100 kHz
V
CC
= 15 V
15 V
5.1 k
Ω
e
o
e
I
~
15 V
5 V
1/2
LM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com