Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903W Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2903W
Description  Low-power dual voltage comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903W Datasheet(HTML) 1 Page - STMicroelectronics

  LM2903W Datasheet HTML 1Page - STMicroelectronics LM2903W Datasheet HTML 2Page - STMicroelectronics LM2903W Datasheet HTML 3Page - STMicroelectronics LM2903W Datasheet HTML 4Page - STMicroelectronics LM2903W Datasheet HTML 5Page - STMicroelectronics LM2903W Datasheet HTML 6Page - STMicroelectronics LM2903W Datasheet HTML 7Page - STMicroelectronics LM2903W Datasheet HTML 8Page - STMicroelectronics LM2903W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2012
Doc ID 022662 Rev 1
1/13
13
LM2903W
Low-power dual voltage comparator
Features
■ Wide single supply voltage range or dual
supplies +2 V to +36 V or ±1 V to ±18 V
■ Very low supply current (0.4 mA) independent
of supply voltage (1 mW/comparator at +5 V)
■ Low input bias current: 25 nA typ.
■ Low input offset current: ±5 nA typ.
■ Input common-mode voltage range includes
negative rail
■ Low output saturation voltage:
250 mV typ. (IO = 4 mA)
■ Differential input voltage range equal to the
supply voltage
■ TTL, DTL, ECL, MOS, CMOS compatible
outputs
■ ESD internal protection: 2 kV
Description
This device consists of two independent low-
power voltage comparators designed specifically
to operate from a single supply over a wide range
of voltages. Operation from split power supplies is
also possible.
The input common-mode voltage range includes
the negative rail even though operated from a
single power supply voltage.
All the pins are protected against electrostatic
discharge up to 2 kV. As a consequence, the input
voltages must not exceed the magnitude of VCC
+
or VCC
-.
D
SO-8
(Plastic micropackage)
Pin connections (top view)
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
www.st.com


Similar Part No. - LM2903W

ManufacturerPart #DatasheetDescription
logo
Rohm
LM2903WDT ROHM-LM2903WDT Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
LM2903WHYST STMICROELECTRONICS-LM2903WHYST Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
logo
Rohm
LM2903WPT ROHM-LM2903WPT Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
LM2903WST ROHM-LM2903WST Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
More results

Similar Description - LM2903W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
Low power dual voltage comparator
August 31, 1994
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
Low power dual voltage comparator
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
Low-power dual voltage comparator
05-Dec-2012
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
Low-power, dual-voltage comparator
05-Nov-2012
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
Low-power dual voltage comparator
08-Sep-2021
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
Low-power dual voltage comparator
13-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com