Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903W Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2903W
Description  Low-power dual voltage comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903W Datasheet(HTML) 3 Page - STMicroelectronics

  LM2903W Datasheet HTML 1Page - STMicroelectronics LM2903W Datasheet HTML 2Page - STMicroelectronics LM2903W Datasheet HTML 3Page - STMicroelectronics LM2903W Datasheet HTML 4Page - STMicroelectronics LM2903W Datasheet HTML 5Page - STMicroelectronics LM2903W Datasheet HTML 6Page - STMicroelectronics LM2903W Datasheet HTML 7Page - STMicroelectronics LM2903W Datasheet HTML 8Page - STMicroelectronics LM2903W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM2903W
Absolute maximum ratings and operating conditions
Doc ID 022662 Rev 1
3/13
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 to 36
V
Vid
Differential input voltage
VCC
- -0.3 to V
CC
+ +0.3
V
Vin
Input voltage
Vout
Output voltage
36
V
Output short-circuit to ground (1)
1.
Short-circuits from the output to VCC
+ can cause excessive heating and possible destruction. The
maximum output current is approximately 20 mA, independent of the magnitude of VCC
+.
Infinite
Rthja
Thermal resistance junction to ambient(2)
SO-8
2.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
125
°C/W
Rthjc
Thermal resistance junction to case(2)
SO-8
40
°C/W
Tj
Maximum junction temperature
+150
°C
Tstg
Storage temperature range
-65 to +150
°C
ESD
Human body model (HBM)(3)
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2000
V
Machine model (MM)(4)
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model(5)
5.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1500
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
Vicm
Common mode input voltage range
Tmin ≤ Tamb ≤ Tmax
0 to VCC
+ -1.5
0 to VCC
+ -2
V
Toper
Operating free-air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com