Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 30 Msps A/D converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHF1401_12 Datasheet HTML 17Page - STMicroelectronics RHF1401_12 Datasheet HTML 18Page - STMicroelectronics RHF1401_12 Datasheet HTML 19Page - STMicroelectronics RHF1401_12 Datasheet HTML 20Page - STMicroelectronics RHF1401_12 Datasheet HTML 21Page - STMicroelectronics RHF1401_12 Datasheet HTML 22Page - STMicroelectronics RHF1401_12 Datasheet HTML 23Page - STMicroelectronics RHF1401_12 Datasheet HTML 24Page - STMicroelectronics RHF1401_12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
RHF1401
Electrical characteristics
Doc ID 13317 Rev 8
21/42
2.5
Results for single ended input
Setup
●
AVCC = DVCC = VCCBI = VCCBE = 2.5 V
●
VREFP = 1 V
●
VREFM = 0 V
●
INCM = Vin/2
●
REFMODE = 1 (internal references are disabled)
●
Vin = 1 Vpp
●
Tamb = 25 °C
●
A square clock is applied
Unless other test conditions are specified.
In the following graphs, the input signal is seldom full scale.
Figure 35.
Single-ended input configuration
Cf is a filter capacitor to cut the HF noise. Its value is 10 nF for input frequencies equal to or
below 20 kHz. The value of the capacitor is divided by two when the input frequency is
multiplied by 2.
AM04566
Single ended
input signal
VIN
VINB
INCM
REFM
REFP
Ground
External 1V
External
2.5 V
VCCBE
VCCBI
AVCC
DVCC
VOCM
GENERATOR
Cf
VOCM
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com