Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 39 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 30 Msps A/D converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button RHF1401_12 Datasheet HTML 34Page - STMicroelectronics RHF1401_12 Datasheet HTML 35Page - STMicroelectronics RHF1401_12 Datasheet HTML 36Page - STMicroelectronics RHF1401_12 Datasheet HTML 37Page - STMicroelectronics RHF1401_12 Datasheet HTML 38Page - STMicroelectronics RHF1401_12 Datasheet HTML 39Page - STMicroelectronics RHF1401_12 Datasheet HTML 40Page - STMicroelectronics RHF1401_12 Datasheet HTML 41Page - STMicroelectronics RHF1401_12 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
RHF1401
Ordering information
Doc ID 13317 Rev 8
39/42
6
Ordering information
Table 16.
Order codes
Note:
Contact your local ST sales office for information regarding the specific conditions for
products in die form and QML-Q versions.
Order code
Quality level
Temp range
Package
Marking
Packing
RHF1401KSO1
Engineering model
-55 °C to
+125 °C
SO-48
RHF1401KSO1
Strip pack
RHF1401KSO-01V
QMLV-Flight
5962F0626001VXC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com