Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 23 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 30 Msps A/D converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button RHF1401_12 Datasheet HTML 19Page - STMicroelectronics RHF1401_12 Datasheet HTML 20Page - STMicroelectronics RHF1401_12 Datasheet HTML 21Page - STMicroelectronics RHF1401_12 Datasheet HTML 22Page - STMicroelectronics RHF1401_12 Datasheet HTML 23Page - STMicroelectronics RHF1401_12 Datasheet HTML 24Page - STMicroelectronics RHF1401_12 Datasheet HTML 25Page - STMicroelectronics RHF1401_12 Datasheet HTML 26Page - STMicroelectronics RHF1401_12 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
RHF1401
Electrical characteristics
Doc ID 13317 Rev 8
23/42
Figure 42.
ENOB vs. Vin, Fin 1 kHz, Vrefp = 0.8 V
Figure 43.
ENOB vs Vin, Fin = 2 MHz, Vrefp = 0.8 V
Figure 44.
ENOB vs. Vin, Fin 1 kHz, Vrefp = 1.0 V
Figure 45.
ENOB vs Vin, Fin = 2 MHz, Vrefp = 1.0 V
Figure 46.
ENOB vs. Vin, Fin 1 kHz, Vrefp = 1.2 V
Figure 47.
ENOB vs Vin, Fin = 2 MHz, Vrefp = 1.2 V
10.0
10.5
11.0
11.5
Fin = 1 kHz - V R E F P =0.8V
Fs =
10 ks ps
9.0
9.5
1.01.1
1.21.3
1.41.5
1.6
Vin (V pp)
100 ks ps
1 Ms ps
10 Ms ps
20 Ms ps
25 Ms ps
30 Ms ps
10.0
10.5
11.0
11.5
Fin = 2MHz - VR E FP =0.8V
Fs =
9.0
9.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Vin (V pp)
2 Ms ps
10 Ms ps
20 Ms ps
25 Ms ps
30 Ms ps
10.0
10.5
11.0
11.5
Fin = 1kHz - V R E FP=1.0V
Fs =
10 ks ps
100 k
9.0
9.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Vin (V pp)
100 ksps
1 Ms ps
10 Ms ps
20 Ms ps
25 Ms ps
30 Ms ps
10.0
10.5
11.0
11.5
Fin = 2MHz - V R E FP =1.0V
Fs =
9.0
9.5
1.01.1
1.21.3
1.41.5
1.6
Vin (V pp)
2 Ms ps
10 Ms ps
20 Ms ps
25 Ms ps
30 Ms ps
10.0
10.5
11.0
11.5
Fin = 1kHz - V R E FP=1.2V
Fs =
10 ks ps
9.0
9.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Vin (V pp)
100ksps
1 Ms ps
10 Ms ps
20 Ms ps
25 Ms ps
30 Ms ps
10.0
10.5
11.0
11.5
F in = 2MHz - V R E F P =1.2V
Fs =
9.0
9.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Vin (V pp)
Fs =
2 Ms ps
10 Ms ps
20 Ms ps
25 Ms ps
30 Ms ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com