Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7221 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS7221
Description  Single BiCMOS rail-to-rail micropower comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7221 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS7221_09 Datasheet HTML 3Page - STMicroelectronics TS7221_09 Datasheet HTML 4Page - STMicroelectronics TS7221_09 Datasheet HTML 5Page - STMicroelectronics TS7221_09 Datasheet HTML 6Page - STMicroelectronics TS7221_09 Datasheet HTML 7Page - STMicroelectronics TS7221_09 Datasheet HTML 8Page - STMicroelectronics TS7221_09 Datasheet HTML 9Page - STMicroelectronics TS7221_09 Datasheet HTML 10Page - STMicroelectronics TS7221_09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TS7221
Electrical characteristics
7/13
Figure 7.
TPLH vs Vicm at VCC =10V and
10 mV overdrive
Figure 8.
TPLH vs Vicm at VCC = 10 V and
100 mV overdrive
05
10
0
1
2
3
4
T
AMB
=+25°C
R
L
=10k
Ω & C
L
=50pF
Common mode voltage (V)
05
10
0
1
2
3
4
T
AMB
=+25°C
R
L
=10k
Ω & C
L
=50pF
Common mode voltage (V)
Figure 9.
TPLH vs Vicm at VCC = 5 V and 10 mV
overdrive
Figure 10.
TPLH vs Vicm at VCC =5V and
100 mV overdrive
0.0
2.5
5.0
0
1
2
3
4
T
AMB
=+25°C
R
L
=10k
Ω & C
L
=50pF
Common mode voltage (V)
0.0
2.5
5.0
0
1
2
3
4
T
AMB
=+25°C
R
L
=10k
Ω & C
L
=50pF
Common mode voltage (V)
Figure 11.
TPHL vs Vicm at VCC = 10 V and
10 mV overdrive
Figure 12.
TPHL vs Vicm at VCC = 10 V and
100 mV overdrive
05
10
0
1
2
3
4
5
T
AMB
=+25°C
R
L
=10k
Ω & C
L
=50pF
Common mode voltage (V)
05
10
0
1
2
3
4
5
T
AMB
=+25°C
R
L
=10k
Ω & C
L
=50pF
Common mode voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com