Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7221 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS7221
Description  Single BiCMOS rail-to-rail micropower comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7221 Datasheet(HTML) 2 Page - STMicroelectronics

  TS7221_09 Datasheet HTML 1Page - STMicroelectronics TS7221_09 Datasheet HTML 2Page - STMicroelectronics TS7221_09 Datasheet HTML 3Page - STMicroelectronics TS7221_09 Datasheet HTML 4Page - STMicroelectronics TS7221_09 Datasheet HTML 5Page - STMicroelectronics TS7221_09 Datasheet HTML 6Page - STMicroelectronics TS7221_09 Datasheet HTML 7Page - STMicroelectronics TS7221_09 Datasheet HTML 8Page - STMicroelectronics TS7221_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute maximum ratings
TS7221
2/13
1
Absolute maximum ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
12
V
VID
Differential input voltage
(VCC
-) -0.3 to (V
CC
+) +0.3
V
VIN
Input voltage(1)
1.
The magnitude of input voltages must never exceed 0.3 V beyond the supply voltage.
(VCC
-) -0.3 to (V
CC
+) +0.3
V
VOUT
Output voltage
12
V
IIN
Current at input pins(1)
± 5
mA
IOUT
Current at output pin
± 30
mA
Rthja
Thermal resistance junction to ambient(2)
SOT23-5
2.
Short-circuits can cause excessive heating. These values are typical.
250
°C/W
Rthjc
Thermal resistance junction to case (2)
SOT23-5
81
°C/W
TLead
Lead temperature (soldering 10 seconds)
260
°C
Tstg
Storage temperature
-65 to +150
°C
TJ
Junction temperature
150
°C
ESD
Human body model (HBM) (3)
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2000
V
Machine model (MM)(4)
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 10
V
Tamb
Ambient temperature
-40 to +85
°C
Vicm
Common mode input voltage range
(VCC
-) -0.3 to (V
CC
+) +0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com