Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7221 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS7221
Description  Single BiCMOS rail-to-rail micropower comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7221 Datasheet(HTML) 4 Page - STMicroelectronics

  TS7221_09 Datasheet HTML 1Page - STMicroelectronics TS7221_09 Datasheet HTML 2Page - STMicroelectronics TS7221_09 Datasheet HTML 3Page - STMicroelectronics TS7221_09 Datasheet HTML 4Page - STMicroelectronics TS7221_09 Datasheet HTML 5Page - STMicroelectronics TS7221_09 Datasheet HTML 6Page - STMicroelectronics TS7221_09 Datasheet HTML 7Page - STMicroelectronics TS7221_09 Datasheet HTML 8Page - STMicroelectronics TS7221_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
TS7221
4/13
Table 4.
Electrical characteristics for VCC
+= 5 V, T
amb = 25° C (unless otherwise specified)
(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Input offset voltage (full common mode range)
– TS7221A
at Tmin ≤ Tamb ≤ Tmax
– TS7221B
Tmin ≤ Tamb ≤ Tmax
7
10
15
18
mV
ΔVIO
Input offset voltage drift with temperature
6
µV/oC
IIB
Input bias current(2)
at Tmin ≤ Tamb ≤ Tmax
1
300
600
pA
IIO
Input offset current(2)
at Tmin ≤ Tamb ≤ Tmax
1
150
300
pA
CMRR
Common-mode rejection ratio (0 < Vicm < 5 V)
70
dB
PSRR
Power supply rejection ratio (2.7 < VCC < 10 V)
80
dB
AVD
Voltage gain(3)
240
dB
Vicm
Input common mode voltage range
at Tmin ≤ Tamb ≤ Tmax
-0.3
0.0
5.3
5.0
V
IOH
High level output voltage
(IN+ = 0.5 V, IN- = 0 V and OUT = 10 V)
0.1
500
nA
VOL
Low level output voltage, Isink = 5 mA
at Tmin ≤ Tamb ≤ Tmax
0.2
0.40
0.55
V
ICC
Supply current
Output low
Output high
6
8
12
14
µA
TPLH
Response time low to high
(Vic = 2.5 V, CL =50 pF, RL =10 kΩ)
Overdrive = 10 mV
Overdrive = 100 mV
2
0.5
µs
TPHL
Response time high to low
(Vic = 2.5 V, CL = 50 pF, RL =10kΩ)
Overdrive = 10 mV
Overdrive = 100 mV
2
0.4
µs
TF
Fall time
CL = 50 pF, RL =5 kΩ, overdrive = 10 mV
0.3
µs
TR
Rise time
CL = 50 pF, RL =5 kΩ, overdrive = 10 mV
0.3
µs
1.
Limits are 100% production-tested at +25° C. Behavior at temperature range limits is guaranteed through correlation and
by design.
2.
Maximum values include unavoidable inaccuracies of industrial testing.
3.
Design evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com