Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX423 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASX423
Description  100-4500 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX423 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASX423 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2011
ASX423
100-4500 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +9 dBm/tone sepa-
rated by 1 MHz.
C1=100 pF
Vs=5 V
RF IN
RF OUT
C5=100 pF
ASX423
D1=5.6V
Zener Diode
L1=82 nH
(Coil Inductor)
C2=100 pF
C4=22 pF
L5=56 nH
C6=1 mF
C7=100 pF
C8=1 mF
L2=47 nH
C3=39 pF
L4=82 nH
R1=180 W
4 mm
L3=22 nH
3.5 mm
0
500
1000
1500
2000
2500
3000
3500
0
2
4
6
8
10
Frequency (MHz)
0
50
100
150
200
250
300
0
10
20
30
40
Frequency(MHz)
0
50
100
150
200
250
300
-30
-25
-20
-15
-10
-5
0
Frequency(MHz)
0
50
100
150
200
250
300
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
IF
150 MHz
+5 V
Frequency (MHz)
150
Magnitude S21 (dB)
33.5
Magnitude S11 (dB)
-17
Magnitude S22 (dB)
-13
Output P1dB (dBm)
29.5
Output IP3
1) (dBm)
44.5
Noise Figure (dB)
4.5
Device Voltage (V)
5
Current (mA)
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com