Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX423 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX423
Description  100-4500 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX423 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX423 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2011
ASX423
100-4500 MHz MMIC Amplifier
1) OIP3 measured with two tones at an output power of +11 dBm/tone separated by 1 MHz.
2) OIP3 measured with two tones at an output power of +13 dBm/tone separated by 1 MHz.
3) OIP3 measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
32
32.5
S11
dB
-13
S22
dB
-15
Output IP3
dBm
42
45
Noise Figure
dB
2.4
2.6
Output P1dB
dBm
29
30
Current
mA
360
400
460
Device Voltage
V
5
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
23 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Frequency
MHz
900
2000
2300
2700
Gain
dB
32.5
22.5
20.5
17
S11
dB
-13
-11
-13
-14
S22
dB
-15
-18
-14
-13
Output IP3
dBm
45
1)
47
2)
45
3)
45
3)
Noise Figure
dB
2.4
2.6
2.9
3.2
Output P1dB
dBm
30
29.5
30
29.5
Current
mA
400
400
400
400
Device Voltage
V
5
5
5
5
Features
Description
Typical Performance
Absolute Maximum Ratings
·32.5 dB Gain at 900 MHz
·30 dBm P1dB at 900 MHz
·45 dBm Output IP3 at 900 MHz
·MTTF > 100 Years
·Two Power Supplies
The ASX423, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 4.5 GHz. The amplifier is available
in an SOIC-8 package and passes through the
stringent DC, RF, and reliability tests.
Application Circuit
·IF (150MHz)
·TETRA
·CDMA
·RFID(USA)
·PCS
·WCDMA
·2300 ~ 2700 MHz
·4300 ~ 4500 MHz
Product Specifications*
ASX423
Package Style: SOIC-8
Pin Configuration
Pin No.
Function
1
2nd stage RF IN
2
1st stage RF OUT
3,5,8
GND
4
1st stage RF IN
6,7
2nd stage RF OUT


Similar Part No. - ASX423

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX423 ASB-ASX423 Datasheet
1Mb / 14P
100 ~ 4500 MHz MMIC Amplifier
February 2017
ASX423 ASB-ASX423_17 Datasheet
1Mb / 14P
100 ~ 4500 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX423

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-5389 ETC-SGA-5389 Datasheet
443Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-6289 ETC-SGA-6289 Datasheet
475Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4486 SIRENZA-SGA-4486 Datasheet
89Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6486 SIRENZA-SGA-6486 Datasheet
95Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6389 SIRENZA-SGA-6389 Datasheet
93Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Advanced Semiconductor ...
ASX423 ASB-ASX423_17 Datasheet
1Mb / 14P
100 ~ 4500 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com