Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX423 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASX423
Description  100-4500 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX423 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASX423 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2011
ASX423
100-4500 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +12 dBm/tone se-
parated by 1 MHz.
0
1000
2000
3000
4000
5000
0
1
2
3
4
5
Frequency (MHz)
4000
4200
4400
4600
4800
-15
-10
-5
0
Frequency (MHz)
4000
4200
4400
4600
4800
-20
-15
-10
-5
0
Frequency (MHz)
4000
4200
4400
4600
4800
0
5
10
15
Frequency (MHz)
C1=3 pF
Vs=5 V
RF IN
RF OUT
C6=100 pF
ASX423
D1=5.6V
Zener Diode
L2=6.8 nH
(Coil Inductor)
C2=10 pF
C5=2 pF
L3=6.8 nH
C7=1 mF
C8=100pF
C9=1 mF
C4=0.5 pF
C3=0.5 pF
R1=4.7 W
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
4300 ~ 4500 MHz
+5 V
Frequency (MHz)
4300
4500
Magnitude S21 (dB)
10
10.5
Magnitude S11 (dB)
-9
-11
Magnitude S22 (dB)
-8
-7
Output P1dB (dBm)
27
23
Output IP3
1) (dBm)
41
39
Noise Figure (dB)
6.2
6.2
Device Voltage (V)
5
5
Current (mA)
400
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com