Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE74HC04 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE74HC04
Description  Input stolerate voltage up to 6V independent of VCC operating voltage.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE74HC04 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE74HC04 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE74HC04
6V High Speed Inverter
VER 1.3
2
Packaging Type
SC-70-5
5
4
1
2
3
Ordering information
ACE74HC04 XX + H
Thermal Resistance Rating
Parameter
Device
Symbol
Limit
Unit
Package thermal impedance
SC-70-5
Θ
JA
142
OC/W
Recommended Operating Condition
Parameter
Symbol
Min
Max
Units
Supply voltage
VCC
1.65
6
V
Input voltage
VIN
0
VCC
Output voltage
VOUT
0
VCC
High-level input voltage
VCC=2V
VIH
1.3
VCC=3V
1.8
VCC=6V
3.2
Low-level input voltage
VCC=2V
VIL
0.7
VCC=3V
1.0
VCC=6V
2.2
High-level output current
VCC=2V
IOH
-50
µA
VCC=3.3±0.3V
-8
mA
VCC=6±0.5V
-16
Low-level output current
VCC=2V
IOL
50
µA
VCC=3.3±0.3V
8
mA
SC-70-5
Description
1
NC
2
A
3
GND
4
Y
5
VCC
HN: SC-70-5
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com