Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE74HC04 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE74HC04
Description  Input stolerate voltage up to 6V independent of VCC operating voltage.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE74HC04 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE74HC04 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ACE74HC04
6V High Speed Inverter
VER 1.3
3
VCC=6±0.5V
16
Input transition rise or fall rate
VCC=3.3±0.3V
△t/△v
100
ns/V
VCC=6±0.5V
20
Operation Temperature
TA
-40~85
℃
Electrical Characteristics (unless otherwise noted)
Parameter
Test condition
Vcc
Min.
Max.
Unit
II
VI=6.0V or GND
0V to 6.0V
±1
µA
ICC
VI=VCC or GND, IO=0
6.0V
1
µA
Ci
VI=VCC or GND
5.0V
10
pF
VOH
IOH=-50µA
2.0V
1.9
V
3.0V
2.9
5.0V
4.9
IOH=-8mA
3.0V
2.6
IOH=-16mA
5.0V
4.5
VOL
IOH=-50µA
2.0V
0.1
3.0V
0.1
5.0V
0.1
IOH=-8mA
3.0V
0.4
IOH=-16mA
5.0V
0.5
Switching Characteristics (Vcc=3.3V±0.3V)
Parameter
Input
Output
Load
capacitance
Min.
Max.
Unit
tPLH
A
Y
CL=15pF
1
8.5
ns
tPHL
tPLH
A
Y
CL=50pF
1
12
tPHL
Switching Characteristics (Vcc=6.0V±0.5V)
Parameter
Input
Output
Load capacitance
Min.
Max.
Unit
tPLH
A
Y
CL=15pF
1
6.5
ns
tPHL
tPLH
A
Y
CL=50pF
1
8.5
tPHL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com