Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE74HC04 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE74HC04
Description  Input stolerate voltage up to 6V independent of VCC operating voltage.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE74HC04 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE74HC04 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE74HC04 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE74HC04
6V High Speed Inverter
VER 1.3
1
Description
ACE74HC04 is CMOS single inverter gate. The device is fabricated with advanced CMOS technology to
achieve ultra high speed with high output drive while maintaining low static power dissipation over a very
broad VCC operating range. The device is specified to operate over the 1.65V to 6.0V VCC range. Inputs
tolerate voltage up to 6V independent of VCC operating voltage.
Features
Ultra High Speed; TPD 8.5 ns Typ into 50 pF at 5V V
CC
High Output Drive; ±16 mA at 5V V
CC
Broad V
CC Operating Range; 1.65V to 6.0V
Low Power Consumption, 1μA Max ICC
Schmitt Trigger Action at input makes the circuit tolerant for slower input rise and fall time
Application
Cell phone and other portable device
3G module
Function Diagram
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Supply voltage range
VCC
-0.5~7
V
Input voltage range
VIN
Output voltage range
VOUT
DC Input Diode Current
IIK
±20
mA
DC Output Diode Current
IOK
DC Output Current
IOL/IOH
±25
Storage Temperature Range
Tstg
-40~150
OC
Package Power Dissipation @ +70
OC
Pd
200
mW


Similar Part No. - ACE74HC04

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7400 ACE-ACE7400 Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400 ACE-ACE7400 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400CM+H ACE-ACE7400CM+H Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400CM+H ACE-ACE7400CM+H Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400 ACE-ACE7400_12 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE74HC04

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
consists of four independent voltage comparators
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
Input voltage range up to 60V
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
April 1, 2012
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
Up to 488VAC input voltage range
logo
Maxim Integrated Produc...
MAX17108EVKIT MAXIM-MAX17108EVKIT Datasheet
313Kb / 8P
6V to 20V AVDD Input Voltage Range
Rev 0; 10/08
MAX14571EVKIT MAXIM-MAX14571EVKIT Datasheet
605Kb / 11P
6V to 36V Operating Voltage Range
Rev 0; 8/13
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
6V to 18V Input Supply Voltage Range
2010
MAX1687EVKIT MAXIM-MAX1687EVKIT Datasheet
114Kb / 4P
2.7V to 6V Input Voltage Range
1999
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com