Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE358 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE358
Description  The ACE358 consists of two independent high gain, internally frequency compensated operational amplifier. It can be operated from a Single power supply and also split power supplies.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE358 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE358 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE358
Dual Operational Amplifier
VER 1.3
2
Ordering information
ACE358 XX + H
Block Diagram
Electrical Characteristics
(VCC=5.0V VEE=GND,TA=25,unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIO
Input Offset Voltage
VCM=0V to VCC-1.5V
VO(P)=1.4V,RS=0Ω
2.9
7.0
mV
IIO
Input Offset Current
5
50
nA
IBIAS
Input Bias Current
45
250
nA
VI(R)
Input Common Mode
Voltage
VCC=30V
0
VCC-1.5
V
ICC
Power Supply Current
RL=∞,VCC=30V
0.8
2.0
mA
RL=∞,Full Temperature Range
0.5
1.2
mA
GV
Large Signal Voltage
Gain
VCC=15V,RL>=2KΩ VO(P)=1V to 11V
25
100
V/mV
VO(H)
Output Voltage Swing
VCC=30V,RL=2KΩ
26
V
VCC=30V,RL=10KΩ
27
28
V
VO(L)
VCC=5V,RL>=10KΩ
5
20
mV
CMRR
Common Mode Rejection
Ratio
65
80
dB
PSRR
Power Supply Rejection
65
100
dB
FM : SOP-8
Pb-free
Halogen-free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com