Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE358 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE358
Description  The ACE358 consists of two independent high gain, internally frequency compensated operational amplifier. It can be operated from a Single power supply and also split power supplies.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE358 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE358 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE358
Dual Operational Amplifier
VER 1.3
3
Ration
CS
Channel Separation
F=1KHZ to 20KHZ
120
dB
ISC
Short Circuit Current to
Ground
40
60
mA
ISOURCE
Output Current
VI(+)= 1V,VI(-)=0V
VCC=15V,VO(P)=2V
10
30
mA
ISINK
VI(+)=0V,,VI(-)=1V
VCC=15V,VO(P)=2V
10
15
mA
VI(+)=0V,,VI(-)=1V
VCC=15V,VO(P)=200mV
12
100
µA
VI(DIFF)
Differential Input Voltage
VCC
V
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com