Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE358 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE358
Description  The ACE358 consists of two independent high gain, internally frequency compensated operational amplifier. It can be operated from a Single power supply and also split power supplies.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE358 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE358 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE358 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE358
Dual Operational Amplifier
VER1.3
1
Description
The ACE358 consists of two independent high gain, internally frequency compensated operational
amplifier. It can be operated from a Single power supply and also split power supplies.
Features
Internally frequency compensated for unity gain
Wide power supply range 3V~32V
Input common-mode voltage range include ground
Large DC Voltage gain
Applications
General purpose amplifier
Transducer amplifier
Absolute Maximum Ratings
(TA=25
OC)
Parameter
Symbol
Max
Unit
Supply Voltage
VCC
±16 or 32
V
Differential Input Voltage
VI(DIFF)
±32
V
Input Voltage
VI
-0.3~32
V
Output Short to Ground
Continuous
Operating Temperature Range
TOPR
0~70
OC
Storage Temperature Range
TSTG
-65~150
OC
Packaging Type
SOP-8
1
8
2
7
3
6
4
5
8
SOP-8
Description
1
Output 1
2
Input1(-)
3
Input1(+)
4
VEE/GND
5
Input2(+)
6
Input2(-)
7
Output2
8
Vcc
1
2
3


Similar Part No. - ACE358

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE3555R ACE-ACE3555R Datasheet
909Kb / 11P
1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
ACE3555RBNH ACE-ACE3555RBNH Datasheet
909Kb / 11P
1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
More results

Similar Description - ACE358

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1471 ONSEMI-MC1471 Datasheet
84Kb / 8P
Internally Compensated, High Performance Operational Amplifier
April, 2000 ??Rev. 6
logo
List of Unclassifed Man...
LR4558 ETC1-LR4558 Datasheet
134Kb / 7P
The LR4558 consists of two high performance operational amplifiers
logo
Leshan Radio Company
LR324 LRC-LR324 Datasheet
223Kb / 10P
Internally Frequency Compensated, Large Voltage Gain
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
Advanced Monolithic Sys...
AMS358 AMS-AMS358 Datasheet
1Mb / 7P
Internally frequency compensated for UNITY GAIN
logo
Leshan Radio Company
LR324 LRC-LR324_12 Datasheet
223Kb / 10P
Internally Frequency Compensated Large Voltage Gain
logo
Fairchild Semiconductor
LM258AMX FAIRCHILD-LM258AMX Datasheet
161Kb / 12P
Internally Frequency Compensated for Unity Gain
logo
Richtek Technology Corp...
RT7305 RICHTEK-RT7305 Datasheet
778Kb / 14P
The RT7305 consists of a high voltage power MOSFET
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
The LM2904 consists of two independent
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com