Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE722 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE722
Description  2A Step-down DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE722 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE722
2A Step-down DC-DC Converter
VER1.6
2
Packaging Type
SOP-8
1
8
2
7
3
6
4
5
Pin Description
ACE722 XX + H
Block Diagram
SOP-8
Description
Function
1
NC
Not Connected
2
VIN
Power Supply Pin
3
SW
Switching Node: PWM output connection to inductor
4
GND
Ground Pin
5
FB
Pin for Feedback Voltage
6
NC
Not Connected
7
CE
Chip Enable Pin (Active with
“H”)
8
NC
Not Connected
FM : SOP-8
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com