Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE722 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE722
Description  2A Step-down DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE722 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE722
2A Step-down DC-DC Converter
VER1.6
4
Demo Board Bom
No.
Reference
Type
Specification
Note
1
C1
Capacitor
MLCC 10uF; SMD 0805
2
C2
Capacitor
MLCC 10uF; SMD 0805
3
D1
Diode
SS34; 40V, 3A; SMD, Shielding
4
L1
Inductor
10uH; 3A; SMD; Shielding
5
IC1
IC
ACE722; SMD SOP-8
6
R1
Resistor
SMD 0805; 30K; 1%
7
R2
Resistor
SMD 0805; 10K; 1%
Layout consideration
Careful PCB layout is critical to achieving low switching losses and clean, stable operation. The
switching power stage requires particular attention. If possible, mount all the power components on
one side of the board, with their ground terminals as close to one another as possible.
Keep the high-current paths short, especially the distance between Cin and the Vin (GND) terminals.
It is essential for stable, jitter-free operation, showing as the following figure. The ESR of Cin should
be smaller enough and the capacitance of Cin should be large enough for filtering the switching
noise across power path, a 10uF ceramic capacitor is recommended.
Keep the trace connecting to SW terminal wide enough for heat dissipation, if possible, it is better to
place some vias connected to the bottom copper for enhancement.
Route high-speed switching nodes, for example SW terminal, away from sensitive analog trace (eg.
FB terminal).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com