Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE722 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE722
Description  2A Step-down DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE722 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE722
2A Step-down DC-DC Converter
VER 1.6
1
Description
ACE722 is a current mode PWM step-down DC-DC converter, which has an internal 2A power switch. It
has the wide input voltage range of 3.6V to 20V, so it can suit for regulating a wide variety of power
source.
ACE722 make of a PWM control circuit, a reference voltage unit, an error amplifier, a protection circuit,
Chip Enable circuit, and under voltage lockout circuit. A low ripple, high efficiency step-down DC-DC
converter can be easily composed of this IC with only several external components, or an inductor, a
diode and capacitors. Output Voltage can be adjusted with external resistors.
ACE722 has the cycle-by-cycle current limit circuit; current limiting provides protection against shorted
output. The low current (<5uA) shutdown provides complete output disconnect, enabling easy power
management in battery powered systems.
Features
Range of Input Voltage: 3.6V~20V
Built-in 90mΩ Power MOSFET
<5uA Shutdown Current
Oscillation Frequency: 500KHz
High efficiency: 90%
2.5A Peak Current Limit Cycle by Cycle
Operating Temperature Range: -40℃ ~85℃
Demo Board Available
Application
Power source for hand-held communication equipment, cameras video instruments such as VCRs,
camcorders.
Power source for battery-powered equipment
Power source for household electrical appliance
Absolute Maximum Ratings
Parameter
Max
Unit
Supply Voltage
23
V
SW Pin Voltage
25
V
CE Pin Voltage
-0.3V to Vin+0.3V
V
FB Pin Voltage
-0.3V to 6V
V
Operating Ambient Temperature Range
-40
OC to 85 OC
OC
Storage temperature
- 65
OC to 150 OC
OC
Thermal resistance:
θ
JA
150
OC/W


Similar Part No. - ACE722

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE7222CBNH ACE-ACE7222CBNH Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results

Similar Description - ACE722

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
2A 15V STEP-DOWN DC-DC CONVERTER
October 2007 Version 1.00
logo
Silan Microelectronics ...
SD46520 SILAN-SD46520 Datasheet
505Kb / 8P
400KHZ 2A STEP-DOWN DC-DC CONVERTER
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
BCD Semiconductor Manuf...
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com