Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5958 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5958
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5958 Datasheet HTML 8Page - STMicroelectronics L5958 Datasheet HTML 9Page - STMicroelectronics L5958 Datasheet HTML 10Page - STMicroelectronics L5958 Datasheet HTML 11Page - STMicroelectronics L5958 Datasheet HTML 12Page - STMicroelectronics L5958 Datasheet HTML 13Page - STMicroelectronics L5958 Datasheet HTML 14Page - STMicroelectronics L5958 Datasheet HTML 15Page - STMicroelectronics L5958 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Electrical specifications
L5958
12/20
Doc ID 17716 Rev 1
3.4
Application diagram
Figure 3.
Application circuit
Recommended output filtering capacitors for all the regulators: C range = 5 µF to 100 µF,
ESR range = 50 m
Ω to 10 Ω (T= -40 °C to +85 °C)
The detection voltage thresholds (for both the battery warning 1 and 2) can be changed
lower with external resistors, as following:
VTH1(hold_can) = 1.25V (R3 + R4)/ R4
VTH2(hold_audio) = 1.25V (R1 + R2)/R2
VIN1
CAN_LOW_IN
AUDIO_LOW_IN
EN_SW
REG 3P3P
10k
EN_8P5_5
EN_3P3_1P8
EN_3P3SW_1P8SW
IGNIN
IGNOUT
BU1
BU2
CRES
1000µF
1000µF
1000µF
47nF
1000µF
0.1µF
10µF
10µF
10µF
10µF
10µF
10µF
0.1µF
R1
R2
R4
R3
13
12
22
10
5
9
19
25
27
23
21
4
26
3
17
15
14
8
11
16
18
6
2
24
20
15pF
10k
10k
10k
10k
10k
RES
CAN_PRETEMP
AUDIO_LOW_OUT
AUDIO_HIGH_OUT
SW
VDDCORE
REG2_5V
REG1_8P5
REG5_3P3P
REG6_1P8P
REG3_3P3SW
REG4_1P8SW
71
GND
TAB
VIN2
+
-
+
-
AC00567
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com