Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5958 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5958
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5958 Datasheet HTML 9Page - STMicroelectronics L5958 Datasheet HTML 10Page - STMicroelectronics L5958 Datasheet HTML 11Page - STMicroelectronics L5958 Datasheet HTML 12Page - STMicroelectronics L5958 Datasheet HTML 13Page - STMicroelectronics L5958 Datasheet HTML 14Page - STMicroelectronics L5958 Datasheet HTML 15Page - STMicroelectronics L5958 Datasheet HTML 16Page - STMicroelectronics L5958 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
L5958
Electrical specifications
Doc ID 17716 Rev 1
13/20
Figure 4.
Regulator and power switch diagram
9V
18V
VIN1
DUMP
EN_3P3_1P8
AC00597
4.5V
5V
EN_8P5_5
5V
EN_3P3sw_1P8sw
5V
EN_sw
5V
REG1
8.5V
REG2
5V
18V
VIN2
DUMP
REG3
3.3V
REG4
REG5
REG6
SW
Temperature
Protection
1.8V
3.3V
1.8V
VIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com