Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5958 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5958
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5958 Datasheet HTML 10Page - STMicroelectronics L5958 Datasheet HTML 11Page - STMicroelectronics L5958 Datasheet HTML 12Page - STMicroelectronics L5958 Datasheet HTML 13Page - STMicroelectronics L5958 Datasheet HTML 14Page - STMicroelectronics L5958 Datasheet HTML 15Page - STMicroelectronics L5958 Datasheet HTML 16Page - STMicroelectronics L5958 Datasheet HTML 17Page - STMicroelectronics L5958 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Electrical specifications
L5958
14/20
Doc ID 17716 Rev 1
3.5
Timing diagrams
Figure 5.
Timing chart Vbatt detection
Figure 6.
Timing chart 1.8 Vperm/3.3 Vperm and 1.8V sw/3.3 Vsw
Hold CAN
low + high
Hold AUDIO Low
Hold AUDIO High
20Vmax
17V min
17.8Vmax
15.2V min
9.2Vmax
7.8V min
5.0V min
6Vmax
AC00602
Vbatt
En_perm
3.3Vperm
1.8Vperm
3.3Vsw
1.8Vsw
En_sw
3.3Vperm
1.8Vsw
3.3Vsw
1.8Vperm
0.5Vmax
0.5Vmax
0.5Vmax
0.5Vmax
AC00603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com