Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA020 Datasheet HTML 2Page - STMicroelectronics STA020 Datasheet HTML 3Page - STMicroelectronics STA020 Datasheet HTML 4Page - STMicroelectronics STA020 Datasheet HTML 5Page - STMicroelectronics STA020 Datasheet HTML 6Page - STMicroelectronics STA020 Datasheet HTML 7Page - STMicroelectronics STA020 Datasheet HTML 8Page - STMicroelectronics STA020 Datasheet HTML 9Page - STMicroelectronics STA020 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA020
6/14
formation from it, and transmit it as user data.
The master clock , MCK, controls timing for the entire chip and must be 128xFs. As an example, if stereo
data is input to the STA020D at 44.1kHz, MCK input must be 128 times that or 5.6448MHz.
Audio Serial Port
The audio serial port is used to enter audio data and consists of three pins: SCK, SDATA and FSYNC,
SCK clocks in SDATA, which is double buffered, while FSYNC delineates the audio samples and may in-
dicate the particular channel, left or right. To support many different interfaces, M2, M1 and M0 select one
of seven different formats for the serial port. The coding is shown in Table 3 while the formats are shown
in Figure 3.
Format 0 and 1 are designed to interface with Crystal ADCs. Format 2 communicates with Motorola and
TI DSPs. Format 3 is reserved. Format 4 is compatible with the I2S standard. Formats 5 and 6 make the
STA020D look similar to existing 16- and 18-bit DACs and interpolation filters. Format 7 is an MSB-last
format and is conducive to serial arithmetic. SCK and FSYNC are outputs in Format 0 and inputs in all
other formats. In Format 2, the rising edge of FSYNC delineates samples and the falling edge must occur
a minimum of one bit period before or after the rising edge. In all formats except 2, FSYNC contains left/
right information requiring both edges of FSYNC to delineate samples. Formats 5 and 6 require a minimum
of 16- or 18-bit audio words respectively. In all formats other than 5 and 6, the STA020D can accept any
word length from 16 to 24 bits by adding leading zeros in format 7 and trailing zeros in the other formats,
or by restricting the number of SCK periods between active edges of FSYNC to the sample word length.
FSYNC must be derived from MCK, either through a DSP using the same clock or using counters. If
SFYNC moves (jitters) with respect to MCK by four MCK periods, the internal counters and CBL may be
reset.
Table 1. Audio Port Modes
M2
M1
M0
Format
0
0
0
0 - FSYNC & SCK Output
0
0
1
1 - Left/Right, 16-24 Bits
0
1
0
2 - Word Sync, 16-24 Bits
01
1
3 - Reserved
10
0
4 - Left/Right, I2S Compatible
1
0
1
5 - LSB Justified, 16 Bits
1
1
0
6 - LSB Justified, 18 Bits
1
1
1
7 - MSB Last, 16-24 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com