Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA020 Datasheet HTML 5Page - STMicroelectronics STA020 Datasheet HTML 6Page - STMicroelectronics STA020 Datasheet HTML 7Page - STMicroelectronics STA020 Datasheet HTML 8Page - STMicroelectronics STA020 Datasheet HTML 9Page - STMicroelectronics STA020 Datasheet HTML 10Page - STMicroelectronics STA020 Datasheet HTML 11Page - STMicroelectronics STA020 Datasheet HTML 12Page - STMicroelectronics STA020 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
9/14
STA020
Transparent Mode
In certain applications it is desirable to receive digital audio data with the STA120 and retransmit it with
the STA020D. In this case, channel status, user and validity information must pass through unaltered. For
studio environments, AES recommends that signal timing synchronization be maintained throughout the
studio. Frame synchronization of digital audio signals input to and output from a piece of equipment must
be within ±5%.
The transparent mode of the STA020D is selected by setting TRNPT, pin 24, high. In this mode, the CBL
pin becomes an input, allowing direct connection of the outputs of the STA120 to the inputs of the
STA020D as shown in Figure 18. The transmitter and receiver are synchronized by the FSYNC signal.
CBL specifies the start of a new channel status block boundry, allowing the transmit block structure to be
slaved to the block structure of the receiver.
In the transparent mode, C, U and V are now transmitted with the current audio sample as shown in Figure
5 (TRNPT high) and the dedicated channel status pins are ignored.
When FSYNC is a word clock (Format 2), CBL is sampled when left C, U, V are sampled. When FSYNC
is Left/Right, CBL is sampled when left C, U, V are sampled. The channel status block boundry is reset
when CBL transitions from low to high (based on two successive samples of CBL). MCK for the STA020D
is normally expected to be 128 times the sample frequency, in the trasparent mode MCK must be 256 Fs.
Professional Mode
Setting PRO low places the STA020D in professional mode as shown in Figure 6. In professional mode,
channel status bit 0 is transmitted as a one and bits 1, 2, 3, 4, 6, 7 and 9 can be controlled via dedicated
pins. The pins are actually the inverse of the identified bit.
For example, tying the C1 pin low places a one in channel status bit 1. As shown in the application Note,
Overview of AES/EBU Digital Audio Interface Data Structures, C1 indicates audio/non-audio; C6 and C7
determine the sample frequency and C9 allows the encoded channel mode to be stereophonic. EM1 and
EM0 determine emphasis and encode C2, C3, C4 as shown in Table 2. The dedicated channel status pins
are read at the appropriate time and are logically OR’ed with data input on the channel status port, C. In
Transparent Mode, these dedicated channel status pins are ignored and channel status bits are input at
the C pin.
Consumer Mode
Setting PRO high places the STA020D in consumer mode which redefines the pins as shown in Figure 7.
In consumer mode, channel status bit 0 is transmitted as a zero and channel status bits 2, 3, 8, 9, 15, 24
and 25 are controlled via dedicated pins.
The pins are actually the inverse of the bit so if pin C2 is tied high, channel status bit 2 will be transmitted
as a zero. Also, FC0 and FC1 are encoded versions of channel status bits 24 and 25, which define the
sample frequency.
When FC0 and FC1 are both high, the part is placed in a CD submode which activates the CD subcode
port. This submode is described in detail in the next section. Table 3 describes the encoding of C24 and
C25 through the FC1 and FC0 pins. According to AES/EBU standards, C2 is copy prohibit/permit. C3
specifies pre-emphasis, C8 and C9 define the category code and C15 identifies the generation status of
the transmitted material (i.e. first generation, second generation).
Table 2. Emphasis Encoding
EM1
EM0
C2
C3
C4
00
1
1
1
01
1
1
0
10
1
0
0
11
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com