Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA020 Datasheet HTML 3Page - STMicroelectronics STA020 Datasheet HTML 4Page - STMicroelectronics STA020 Datasheet HTML 5Page - STMicroelectronics STA020 Datasheet HTML 6Page - STMicroelectronics STA020 Datasheet HTML 7Page - STMicroelectronics STA020 Datasheet HTML 8Page - STMicroelectronics STA020 Datasheet HTML 9Page - STMicroelectronics STA020 Datasheet HTML 10Page - STMicroelectronics STA020 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
7/14
STA020
Figure 3. Audio Serial Port Formats.
C, U, V Serial Port
The serial input pins for channel status (C), user (U), and validity (V) are sampled during the first bit period
after the active edge of FSYNC for all formats except Format 4. Format 4 is sampled during the second
bit period (coincident with the MSB). In Figure 3, the arrows on SCK indicate when the C, U, and V bits
are sampled. The C, U, and V bits are transmitted with the audio sample entered before FSYNC edge that
sampled it. The V bit, as defined in the audio standards, is set to zero to indicate the audio data is suitable
for conversion to analog. Therefore, when the audio data is errored, or the data is not audio, the V bit
should be set high. The channel status serial input pin (C) is not available in consumer mode when the
CD subcode port is enabled (FC1 = FC0 = high). Any channel status data entered through the channel
status serial input (C) is logically OR’ed with the data entered through the dedicated pins or internally gen-
erated.
FSYNC(out)
MSB
LSB
MSB
LSB
MSB
LEFT
RIGHT
SCK(out)
SDATA(in)
FSYNC(in)
MSB
LSB
MSB
LSB
MSB
LEFT
RIGHT
SCK(in)
SDATA(in)
FSYNC(in)
MSB
LSB
MSB
LSB
MSB
LEFT
RIGHT
SCK(in)
SDATA(in)
FORMAT 0:
FORMAT 1:
FORMAT 2:
(RESERVED)
FSYNC(in)
MSB
LSB
MSB
LSB
MSB
LEFT
RIGHT
SCK(in)
SDATA(in)
FSYNC(in)
LSB
MSB
LSB
SCK(in)
SDATA(in)
FORMAT 3:
FORMAT 4:
FORMAT 5:
LEFT
RIGHT
LSB
MSB
16 Bits
16 Bits
FSYNC(in)
LSB
MSB
LSB
SCK(in)
SDATA(in)
FORMAT 6:
LEFT
RIGHT
LSB
MSB
18 Bits
18 Bits
FSYNC(in)
MSB
LSB
MSB
SCK(in)
SDATA(in)
FORMAT 7:
LEFT
RIGHT
MSB
LSB
D97AU604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com