Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA382BW Datasheet(PDF) 170 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 164Page - STMicroelectronics STA382BW Datasheet HTML 165Page - STMicroelectronics STA382BW Datasheet HTML 166Page - STMicroelectronics STA382BW Datasheet HTML 167Page - STMicroelectronics STA382BW Datasheet HTML 168Page - STMicroelectronics STA382BW Datasheet HTML 169Page - STMicroelectronics STA382BW Datasheet HTML 170Page - STMicroelectronics STA382BW Datasheet HTML 171Page - STMicroelectronics STA382BW Datasheet HTML 172Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 170 / 172 page
background image
Package information
STA382BW
170/172
Doc ID 022783 Rev 1
Table 185.
VQFN48 (7 x 7 x 0.9 mm) package dimensions
Reference
mm
Min.
Typ.
Max
A
0.80
0.90
1.00
A1
0
0.05
D
6.90
7.00
7.10
D2
5.65
5.70
5.75
E
6.90
7.00
7.10
E2
5.65
5.70
5.75
b
0.25
0.30
0.35
b1
0.20
0.25
0.30
e (pad pitch)
0.50
L1
0.05
0.15
aaa
0.15
bbb
0.10
ddd
0.05
eee
0.08
fff
0.10
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com