Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 9Page - STMicroelectronics STA540_12 Datasheet HTML 10Page - STMicroelectronics STA540_12 Datasheet HTML 11Page - STMicroelectronics STA540_12 Datasheet HTML 12Page - STMicroelectronics STA540_12 Datasheet HTML 13Page - STMicroelectronics STA540_12 Datasheet HTML 14Page - STMicroelectronics STA540_12 Datasheet HTML 15Page - STMicroelectronics STA540_12 Datasheet HTML 16Page - STMicroelectronics STA540_12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
STA540
Electrical characteristics curves
Doc ID 13907 Rev 6
13/25
Figure 13. Distortion versus output power
Figure 14. Distortion versus output power
Figure 15. Output power versus supply voltage Figure 16. Output power versus supply voltage
Figure 17. Supply voltage rejection versus
frequency
Figure 18. Crosstalk versus frequency
0
12
1
2
3
4
5
6
7
8
9
10
11
+8
+24
+10
+12
+14
+16
+18
+20
+22
Po(W)
Vs(V)
T.H.D=1%
T.H.D=10%
S.E.
Rl=8ohm
f=1KHz
0
12
1
2
3
4
5
6
7
8
9
10
11
+8
+24
+10
+12
+14
+16
+18
+20
+22
Po(W)
Vs(V)
T.H.D=1%
T.H.D=10%
S.E.
Rl=8ohm
f=1KHz
0
35
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
+8
+22
+10
+12
+14
+16
+18
+20
BTL
Rl=8ohm
f=1KHz
Po(W)
Vs(V)
T.H.D=1%
T.H.D=10%
0
35
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
+8
+22
+10
+12
+14
+16
+18
+20
BTL
Rl=8ohm
f=1KHz
Po(W)
Vs(V)
T.H.D=1%
T.H.D=10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com