Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 17Page - STMicroelectronics STA540_12 Datasheet HTML 18Page - STMicroelectronics STA540_12 Datasheet HTML 19Page - STMicroelectronics STA540_12 Datasheet HTML 20Page - STMicroelectronics STA540_12 Datasheet HTML 21Page - STMicroelectronics STA540_12 Datasheet HTML 22Page - STMicroelectronics STA540_12 Datasheet HTML 23Page - STMicroelectronics STA540_12 Datasheet HTML 24Page - STMicroelectronics STA540_12 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Practical information
STA540
22/25
Doc ID 13907 Rev 6
6.9
PCB ground layout
The device has two distinct ground pins, P-GND (power ground) and S-GND (signal ground)
which are disconnected from each other at chip level. For superior performance the pins
P-GND and S-GND must be connected together on the PCB by low-resistance tracks.
For the PCB-ground configuration, a star-like arrangement, where the center is represented
by the supply-filtering electrolytic capacitor ground, is recommended. In an arrangement
such as this, at least two separate paths must be provided, one for P-GND and one for
S-GND.
The correct ground assignments are as follows:
●
on S-GND:
–
standby capacitor (pin 7, or any other standby driving networks),
–
SVR capacitor (pin 6), to be placed as close as possible to the device,
–
input signal ground (from active/passive signal processor stages)
●
on P-GND:
–
power supply filtering capacitors for pins 3 and 13. The negative terminal of the
electrolytic capacitor(s) must be directly tied to the battery negative line and this
should represent the starting point for all the ground paths.
6.10
Mute function
If the mute function is desired, it can be implemented on pin 6, SVR, as shown in Figure 29.
Figure 29.
Optional mute function circuit
Using a different value for R1 than the suggested 3.3 k
Ω, results in two different situations:
●
R1 > 3.3 k
Ω:
–
pop noise improvement,
–
lower mute attenuation;
●
R1 < 3.3 k
Ω:
–
pop noise degradation,
–
higher mute attenuation.
0.22
μF
1
DIAGNOSTICS
4
7
D06AU1632
10
μF
10K
ST-BY
IN L
0.47
μF
5
IN BRIDGE
12
470
μF
6
13
1000
μF
100nF
3
VS
2
15
14
OUT L
8
9
10
OUT
BRIDGE
11
0.22
μF
IN R
OUT R
2200
μF
2200
μF
R1 3.3K
R2 10K
MUTE
5V
0
PLAY
VS = 10 to 16 V,
mute off: VSVR ≥ 0.6 to 0.8 V,
mute on: VSVR ≥ 0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com