Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 13Page - STMicroelectronics STA540_12 Datasheet HTML 14Page - STMicroelectronics STA540_12 Datasheet HTML 15Page - STMicroelectronics STA540_12 Datasheet HTML 16Page - STMicroelectronics STA540_12 Datasheet HTML 17Page - STMicroelectronics STA540_12 Datasheet HTML 18Page - STMicroelectronics STA540_12 Datasheet HTML 19Page - STMicroelectronics STA540_12 Datasheet HTML 20Page - STMicroelectronics STA540_12 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
STA540
Practical information
Doc ID 13907 Rev 6
17/25
6
Practical information
6.1
Highly flexible amplifier configuration
The availability of four independent channels makes it possible to accomplish several kinds
of applications ranging from four speakers stereo (F/R) to two-speaker bridge solutions.
When working with single-ended configurations, the polarity of the speakers driven by the
inverting amplifier must be reversed with respect to those driven by non-inverting channels.
This is to avoid phase irregularities causing sound alterations especially during the
reproduction of low frequencies.
6.2
Easy single-ended to bridge transition
The change from single-ended to bridge configuration is made simple by connecting the two
inputs together and also the speaker directly between the two outputs (no need for
additional external components, in fact the output DC blocking capacitors are eliminated).
However, take care to use an inverting/non-inverting amplifier pair.
6.3
Internally fixed gain
The advantages in internally fixing the gain (to 20 dB in single-ended configuration and to
26 dB in bridge configuration) are:
●
components and space saving,
●
output noise, supply voltage rejection and distortion optimization.
6.4
Silent turn on/off and muting/standby function
The standby mode can be easily activated by means of a CMOS logic level applied to
pin ST-BY through a RC filter.
Under standby conditions, the device is turned off completely (supply current = 1 mA typical,
output attenuation = 80 dB minimum).
All on/off operations are virtually pop-free. Furthermore, at turn-on the device stays in mute
condition for a time determined by the value of the SVR capacitor. This prevents transients,
coming from previous stages, from producing unpleasant acoustic effects at the speakers.
6.5
Driving circuit for standby mode
Some precautions need to be taken when designing the driving circuit for pin 7, ST-BY. For
instance, the pin cannot be directly driven by a voltage source having a current capability
higher than 5 mA. In practical cases a series resistance must be inserted, giving it the
double purpose of limiting the current at pin 7 and to smooth down the standby on/off
transitions. And, when done in combination with a capacitor, prevents output pop.
A capacitor of at least 100 nF from pin 7 to S-GND, with no resistance in between, is
necessary to ensure correct turn-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com