Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA2050
Description  32 W hi-fi audio power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA2050 Datasheet HTML 8Page - STMicroelectronics TDA2050 Datasheet HTML 9Page - STMicroelectronics TDA2050 Datasheet HTML 10Page - STMicroelectronics TDA2050 Datasheet HTML 11Page - STMicroelectronics TDA2050 Datasheet HTML 12Page - STMicroelectronics TDA2050 Datasheet HTML 13Page - STMicroelectronics TDA2050 Datasheet HTML 14Page - STMicroelectronics TDA2050 Datasheet HTML 15Page - STMicroelectronics TDA2050 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Thermal shutdown
TDA2050
12/18
Doc ID 1461 Rev 3
6
Thermal shutdown
The presence of a thermal limiting circuit offers the following advantages:
1.
An overload on the output (even if it is permanent), or an above-limit ambient
temperature can be easily tolerated since Tj cannot be higher than 150 °C.
2.
The heatsink can have a smaller factor of safety compared with that of a conventional
circuit. There is no possibility of device damage due to high junction temperature. If for
any reason, the junction temperature increases up to 150 °C, the thermal shutdown
simply reduces the power dissipation and the current consumption.
The maximum allowable power dissipation depends upon the thermal resistance junction-
ambient. Figure 20 shows this dissipable power as a function of ambient temperature for
different thermal resistances.
Figure 20.
Maximum allowable power dissipation vs. ambient temperature
6.1
Mounting instructions
The power dissipated in the circuit must be removed by adding an external heatsink. Thanks
to the pentawatt package, the heatsink mounting operation is very simple, a screw or a
compression spring (clip) being sufficient. Between the heatsink and the package it is better
to insert a layer of silicon grease, to optimize the thermal contact; no electrical isolation is
needed between the two surfaces. Figure 21 shows an example of a heatsink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com