Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA2050
Description  32 W hi-fi audio power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA2050 Datasheet HTML 9Page - STMicroelectronics TDA2050 Datasheet HTML 10Page - STMicroelectronics TDA2050 Datasheet HTML 11Page - STMicroelectronics TDA2050 Datasheet HTML 12Page - STMicroelectronics TDA2050 Datasheet HTML 13Page - STMicroelectronics TDA2050 Datasheet HTML 14Page - STMicroelectronics TDA2050 Datasheet HTML 15Page - STMicroelectronics TDA2050 Datasheet HTML 16Page - STMicroelectronics TDA2050 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TDA2050
Thermal shutdown
Doc ID 1461 Rev 3
13/18
6.2
Dimension recommendations
The following table shows the length that the heatsink in Figure 21 must have for several
values of Ptot and Rth.
Table 7.
Dimension recommendations
Figure 21.
Example of heatsink
Ptot (W)
12
8
6
Length of heatsink (mm)
60
40
30
Rth of heatsink (°C/W)
4.2
6.2
8.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com