Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA2050
Description  32 W hi-fi audio power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA2050 Datasheet HTML 10Page - STMicroelectronics TDA2050 Datasheet HTML 11Page - STMicroelectronics TDA2050 Datasheet HTML 12Page - STMicroelectronics TDA2050 Datasheet HTML 13Page - STMicroelectronics TDA2050 Datasheet HTML 14Page - STMicroelectronics TDA2050 Datasheet HTML 15Page - STMicroelectronics TDA2050 Datasheet HTML 16Page - STMicroelectronics TDA2050 Datasheet HTML 17Page - STMicroelectronics TDA2050 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TDA2050
14/18
Doc ID 1461 Rev 3
Appendix A
A.1
Music power concept
Music power is (according to the IEC clauses n.268-3 of Jan. 83) the maximum power which
the amplifier is capable of producing across the rated load resistance (regardless of non-
linearity) 1 sec after the application of a sinusoidal input signal of frequency 1 kHz.
According to this definition our method of measurement comprises the following steps:
●
Set the voltage supply at the maximum operating value
●
Apply a input signal in the form of a 1 kHz tone burst of 1 sec duration: the repetition
period of the signal pulses is 60 sec
●
The output voltage is measured 1 sec from the start of the pulse
●
Increase the input voltage until the output signal shows a THD=10%
●
The music power is then V2out /RL, where Vout is the output voltage measured in the
condition of point 4 and RL is the rated load impedance
The target of this method is to avoid excessive dissipation in the amplifier.
A.2
Instantaneous power
Another power measurement (maximum instantaneous output power) was proposed by the
IEC in 1988 (IEC publication 268-3 subclause 19.A). We give here only a brief extract of the
concept, and a circuit useful for the measurement. The supply voltage is set at the maximum
operating value.
The test signal consists of a sinusoidal signal whose frequency is 20 Hz, to which are added
alternate positive and negative pulses of 50 µs duration and 500 Hz repetition rate. The
amplitude of the 20 Hz signal is chosen to drive the amplifier to its voltage clipping limits,
while the amplitude of the pulses takes the amplifier alternately into its current-overload
limits. A circuit for generating the test signal is given in Figure 22.
The load network consists of a 40 µF capacitor, in series with a 1 ohm resistor. The
capacitor limits the current due to the 20 Hz signal to a low value, whereas for the short
pulses the effective load impedance is of the order of 1 ohm, and a high output current is
produced.
Using this signal and load network the measurement may be made without causing
excessive dissipation in the amplifier. The dissipation in the 1 ohm resistor is much lower
than a rated output power of the amplifier, because the duty-cycle of the high output current
is low. By feeding the amplifier output voltage to the Xplates of an oscilloscope, and the
voltage across the 1 ohm resistor (representing the output current) to the Y=plates, it is
possible to read on the display the value of the maximum instantaneous output power.
The result of this test applied on the TDA2050 is:
Peak power = 100 W typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com