Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491LP Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7491LP
Description  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7491LP Datasheet HTML 7Page - STMicroelectronics TDA7491LP Datasheet HTML 8Page - STMicroelectronics TDA7491LP Datasheet HTML 9Page - STMicroelectronics TDA7491LP Datasheet HTML 10Page - STMicroelectronics TDA7491LP Datasheet HTML 11Page - STMicroelectronics TDA7491LP Datasheet HTML 12Page - STMicroelectronics TDA7491LP Datasheet HTML 13Page - STMicroelectronics TDA7491LP Datasheet HTML 14Page - STMicroelectronics TDA7491LP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TDA7491LP
Electrical specifications
Doc ID 13541 Rev 5
11/37
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 1 Vpp,
CSVR = 10 µF
-50
-
dB
Tr, Tf
Rise and fall times
-
-
40
-
ns
fSW
Switching frequency
Internal oscillator,
master mode
290
320
350
kHz
fSWR
Switching frequency range
(1)
250
-
400
kHz
VinH
Digital input high (H)
-
2.3
-
-
V
VinL
Digital input low (L)
-
-
0.8
AMUTE
Mute attenuation
VMUTE = low,
VSTBY = high
-80
-
dB
Function
mode
Standby, mute and play modes
VSTBY < 0.5 V
VMUTE = X
Standby
-
VSTBY > 2.9 V
VMUTE < 0.8 V
Mute
-
VSTBY > 2.9 V
VMUTE > 2.9 V
Play
-
1.
Refer to Section 5.5: Internal and external clocks on page 27.
Table 5.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com