Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491LP Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7491LP
Description  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7491LP Datasheet HTML 12Page - STMicroelectronics TDA7491LP Datasheet HTML 13Page - STMicroelectronics TDA7491LP Datasheet HTML 14Page - STMicroelectronics TDA7491LP Datasheet HTML 15Page - STMicroelectronics TDA7491LP Datasheet HTML 16Page - STMicroelectronics TDA7491LP Datasheet HTML 17Page - STMicroelectronics TDA7491LP Datasheet HTML 18Page - STMicroelectronics TDA7491LP Datasheet HTML 19Page - STMicroelectronics TDA7491LP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Characterization curves
TDA7491LP
16/37
Doc ID 13541 Rev 5
Figure 11.
Power supply rejection ratio vs. frequency
Figure 12.
Power dissipation and efficiency vs. output power
Test Condition :
Vcc = 6.6V,
RL = 4 ohm,
Rosc =39k
Ω, Cosc =100nF,
Vin=0,
Gv =30dB,
Tamb =25°C
Vr = 500mVrms
Fr = 100Hz
Frequency (Hz)
PSRR (dB)
Test Condition :
Vcc = 6.6V,
RL = 4 ohm,
Rosc =39k
Ω, Cosc =100nF,
Gv =30dB,
Tamb =25°C
0
10
20
30
40
50
60
70
80
90
01
234
5
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
1. 4
1. 6
1. 8
2
Po per channel (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com