Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491LP Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7491LP
Description  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7491LP Datasheet HTML 28Page - STMicroelectronics TDA7491LP Datasheet HTML 29Page - STMicroelectronics TDA7491LP Datasheet HTML 30Page - STMicroelectronics TDA7491LP Datasheet HTML 31Page - STMicroelectronics TDA7491LP Datasheet HTML 32Page - STMicroelectronics TDA7491LP Datasheet HTML 33Page - STMicroelectronics TDA7491LP Datasheet HTML 34Page - STMicroelectronics TDA7491LP Datasheet HTML 35Page - STMicroelectronics TDA7491LP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Applications information
TDA7491LP
32/37
Doc ID 13541 Rev 5
5.9
Heatsink requirements
Due to the high efficiency of the class-D amplifier a 2-layer PCB can easily provide the
heatsinking capability for low to medium power outputs.
Using such a PCB with a copper ground layer of 3 x 3 cm2 and 16 vias connecting it to the
contact area for the exposed pad, a thermal resistance, junction to ambient (in natural air
convection), of 24 °C/W can be achieved.
The dissipated power within the device depends primarily on the supply voltage, load
impedance and output modulation level. With the TDA7491LP driving 2 x8
Ω with a supply
of 9 V then the maximum device dissipation is approximately 1 W.
When this power is dissipated at the maximum ambient temperature of 85 °C and the device
is mounted on the above PCB then the junction temperature could reach:
Tj = Tamb + Pd * Rj-amb = 85 + 1 * 24 = 109 °C
However, this temperature is sufficiently low to avoid triggering thermal warning.
With a musical program the dissipated power is about 40% less than the above maximum
value. This leads to a junction temperature of around only 99 °C with the 9 cm2 copper
ground. A commensurately smaller heatsink can thus be used.
Figure 36 shows the power derating curve for the PowerSSO-36 package on PCBs with
copper areas of 2 x 2 cm2 and 3 x 3 cm2.
Figure 36.
Power derating curves for PCB used as heatsink
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
g
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
TDA7491P
PSSO36
Copper Area 3x3 cm
and via holes
TDA7491LP
PowerSSO-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com