Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7498
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7498 Datasheet HTML 5Page - STMicroelectronics TDA7498 Datasheet HTML 6Page - STMicroelectronics TDA7498 Datasheet HTML 7Page - STMicroelectronics TDA7498 Datasheet HTML 8Page - STMicroelectronics TDA7498 Datasheet HTML 9Page - STMicroelectronics TDA7498 Datasheet HTML 10Page - STMicroelectronics TDA7498 Datasheet HTML 11Page - STMicroelectronics TDA7498 Datasheet HTML 12Page - STMicroelectronics TDA7498 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TDA7498
Electrical specifications
Doc ID 16107 Rev 8
9/28
Tj
Junction temperature at thermal
shutdown
-
-
150
-
°C
Ri
Input resistance
Differential input
48
60
-
k
Ω
VOVP
Overvoltage protection threshold -
42
43
-
V
VUVP
Undervoltage protection
threshold
-
--8
V
RdsON
Power transistor on resistance
High side
-
0.2
-
Ω
Low side
-
0.2
-
Po
Output power
THD = 10%
-
100
-
W
THD = 1%
-
78
-
Po
Output power
RL = 8 Ω, THD = 10%
-
80
-
W
PD
Dissipated power
Po = 100 W + 100 W,
THD = 10%
-20
-
W
η
Efficiency
Po = 100 W + 100 W
-
90
-
%
THD
Total harmonic distortion
Po = 1 W
-
0.1
-
%
GV
Closed-loop gain
GAIN0 = L, GAIN1 = L
24.6
25.6
26.6
dB
GAIN0 = L, GAIN1 = H
30.6
31.6
32.6
GAIN0 = H, GAIN1 = L
34.1
35.1
36.1
GAIN0 = H, GAIN1 = H
36.6
37.6
38.6
ΔGV
Gain matching
-
-1
-
1
dB
CT
Crosstalk
f = 1 kHz, Po = 1 W
5070-
dB
eN
Total input noise
A Curve, GV = 20 dB
-
15
-
µV
f = 22 Hz to 22 kHz
-
25
50
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 Vpp,
CSVR = 10 µF
-70
-
dB
Tr, Tf
Rise and fall times
-
-
50
-
ns
fSW
Switching frequency
Internal oscillator
290
310
330
kHz
fSWR
Output switching frequency
range
With internal oscillator (1)
250
-
400
kHz
With external oscillator (2) 250
-
400
VinH
Digital input high (H)
-
2.3
-
-
V
VinL
Digital input low (L)
-
-
0.8
Table 6.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com