Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7498
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7498 Datasheet HTML 12Page - STMicroelectronics TDA7498 Datasheet HTML 13Page - STMicroelectronics TDA7498 Datasheet HTML 14Page - STMicroelectronics TDA7498 Datasheet HTML 15Page - STMicroelectronics TDA7498 Datasheet HTML 16Page - STMicroelectronics TDA7498 Datasheet HTML 17Page - STMicroelectronics TDA7498 Datasheet HTML 18Page - STMicroelectronics TDA7498 Datasheet HTML 19Page - STMicroelectronics TDA7498 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Characterizations
TDA7498
16/28
Doc ID 16107 Rev 8
3.2.2
For RL = 8 Ω
Figure 12.
Output power (THD = 10%) vs. supply voltage
Figure 13.
THD vs. output power
10
120
20
30
40
50
60
70
80
90
100
110
Output power (W)
+10
+36
+12
+14
+16
+18
+20
+22
+24
+26
+28
+30+32+34
Supply voltage (V)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD+N (%)
100m
200
200m
500m
1
2
5
10
20
50
100
Output power (W)
f = 1 kHz
f = 100 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com