Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7498
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7498 Datasheet HTML 13Page - STMicroelectronics TDA7498 Datasheet HTML 14Page - STMicroelectronics TDA7498 Datasheet HTML 15Page - STMicroelectronics TDA7498 Datasheet HTML 16Page - STMicroelectronics TDA7498 Datasheet HTML 17Page - STMicroelectronics TDA7498 Datasheet HTML 18Page - STMicroelectronics TDA7498 Datasheet HTML 19Page - STMicroelectronics TDA7498 Datasheet HTML 20Page - STMicroelectronics TDA7498 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TDA7498
Characterizations
Doc ID 16107 Rev 8
17/28
Figure 14.
THD vs. frequency (1 W)
Figure 15.
THD vs. frequency (100 mW)
Figure 16.
Frequency response
THD+N (%)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
0.01
2
0.02
0.05
0.1
0.2
0.5
1
THD+N (%)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
0.01
2
0.02
0.05
0.1
0.2
0.5
1
-3
+3
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2
+2.5
Ampl (dB)
10
20k
20
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com