Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498E Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7498E
Description  160-watt 160-watt dual BTL class-D audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7498E Datasheet HTML 7Page - STMicroelectronics TDA7498E Datasheet HTML 8Page - STMicroelectronics TDA7498E Datasheet HTML 9Page - STMicroelectronics TDA7498E Datasheet HTML 10Page - STMicroelectronics TDA7498E Datasheet HTML 11Page - STMicroelectronics TDA7498E Datasheet HTML 12Page - STMicroelectronics TDA7498E Datasheet HTML 13Page - STMicroelectronics TDA7498E Datasheet HTML 14Page - STMicroelectronics TDA7498E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Characterization curves
TDA7498E
11/20
Doc ID 022595 Rev 1
4
Characterization curves
Unless otherwise stated, measurements were made under the following conditions:
Vcc = 36 V, f = 1 kHz , GV = 23.6 dB, Rosc = 39 kΩ, Cosc = 100 nF, Tamb = 25 °C.
4.1
For RL = 4 Ω, stereo configuration
Figure 4.
Output power vs. supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com