Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498E Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7498E
Description  160-watt 160-watt dual BTL class-D audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7498E Datasheet HTML 12Page - STMicroelectronics TDA7498E Datasheet HTML 13Page - STMicroelectronics TDA7498E Datasheet HTML 14Page - STMicroelectronics TDA7498E Datasheet HTML 15Page - STMicroelectronics TDA7498E Datasheet HTML 16Page - STMicroelectronics TDA7498E Datasheet HTML 17Page - STMicroelectronics TDA7498E Datasheet HTML 18Page - STMicroelectronics TDA7498E Datasheet HTML 19Page - STMicroelectronics TDA7498E Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Application information
TDA7498E
16/20
Doc ID 022595 Rev 1
5
Application information
5.1
Stereo and mono BTL operation selection using the MODE
pin
The TDA7498E can be used in stereo applications or mono BTL applications. Connecting
the MODE pin to the VDDS pin configures the device in mono BTL. The output of the two
channels can be paralleled. When the MODE pin is connected to ground or floating (pulled
down internally) the device works as a stereo amplifier.
5.2
Gain setting
The gain of the TDA7498E is set by GAIN (pin 30).
5.3
Smart protection
To avoid dynamic impedance drop, two overcurrent thresholds are set. The first threshold is
for the overcurrent limit. The device limits the output current to the first threshold but does
not shut down the PWM outputs.
If the device is shorted and at least one of the two output currents reaches the second
threshold, the device is shut down immediately. The device will recover automatically when
the fault is removed from the BTL outputs.
Table 7.
Gain settings
GAIN0
Total Gain
Application suggestion
VGAIN < 0.25*VDDS
23.6 dB
GAIN pin connected to SGND
0.25*VDDS < VGAIN < 0.5*VDDS
29.6 dB
Rc10 = Rc11= Rc12 = 100 K max
0.5*VDDS < VGAIN < 0.75*VDDS
33.1 dB
Rc10 = Rc11 = Rc12 = 100K max
VGAIN > 0.75*VDDS
35.6 dB
GAIN pin connected to VDDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com